Part Number Hot Search : 
80000 OPB773NZ 1N821A APL0832 01M10 CHA3666 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download K1150BACSM-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K1100BA Series
5V Crystal Clock Oscillators K1100BA, K1150BA, K1125BA, K1110BA Series 14 pin DIP, 4-pin Volt, Clock Oscillator DIL 5.0 Package, Compatible with 14-pin K1100BA Series
1.0MHz to 70MHz Frequency Range NOT RECOMMENDED FOR NEW DESIGNS. THIS PRODUCT IS 5V Clock Oscillators Crystal HCMOS Circuit, TTL/CMOS Compatible TO THE MHO+ PRODUCT SERIES. PLEASE REFER Tight Symmetry 14-pin DIL 4-pin Package, Compatible with(45/55%) Available Tri-State Option Available 1.0MHz to 70MHz Frequency Range
HCMOS Circuit, TTL/CMOS Compatible 100ppm Stability Standard Tight Symmetry (45/55%) Available Tighter Stabilities Available Tri-State Option Available 10ppm Stability:- K1110BA
100ppm Stability Standard

25ppm Stability:- K1125BA Tighter Stabilities Available 50ppm Stability:- K1150BA
10ppm Stability:- K1110BA 25ppm Stability:- K1125BA 50ppm Stability:- K1150BA


E L E C T R I C A L S P E C I F I C AT I O N S
MODEL
MODEL
Frequency Range (MHz) Frequency Stability (ppm)
K1150BA E L E C T RK1100BA S P E C I F I C AT I O N S ICAL
K1100BA K1150BA 1.0 to 70 K1125BA
K1125BA
K1110BA
1.0 to 70
K1110BA
Frequency Range (MHz) Overall 0C to 70C
Frequency Stability (ppm) Overall
0C to 70C -40C to 85C
Inclusive of calibration, temperature, voltage, load, 50 100 shock,vibration, aging 100 150 50 150 100 -40C to +85C -55C to +125C +5.0 10% 15 50 NA
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
Rating Over 25 Temperature Only 10 NA N/A 25 100
Rating Over Temperature Only 10 N/A
Temperature Range (C) Operating Operating Storage
-40C to 85C Temperature Range (C)
-40C to +85C -55C to +125C +5.0 10% 15 50
Storage
Supply Voltage (V) <20MHz 20 - 70 MHz
Supply Voltage (V) <20MHz
Supply Supply Current (mA) Current (mA) 20 - 70 MHz
Output TTL Output TTL
Symmetry
TR and TF (ns) TR and TF (ns) Fanout (TTL)
Output CMOS
Symmetry
40/60% @ 1.4V; 45/55% Optional 1.4V; 45/55% Optional 40/60% @ 20MHz =8; > 20MHz = 6 10 40/60 @ 0.5VCC 20MHz =10; > 20MHz = 8 <10
20MHz =8; > 20MHz = 6 10 40/60 @ 0.5VCC <10
Fanout (TTL) Symmetry
Output CMOS Symmetry
TR and TF (ns)
T Start up Time (ms) R
and TF (ns)
20MHz =10; > 20MHz = 8
Start up Time (ms)
K11XXBACXXXo- Specify K11XXBACXXX-R - Specify Frequency o Frequency "M" = -40 C to 85 C Operating Temperature "Blank" = "-R" RoHS Compliant 0oC to 70oC Operating Temperature "Blank" ==Fixed Frequency "M" = -40oC to 85o "E" "Blank" = Non-RoHS Compliant C Operating Temperature = Tri-State "Blank" = 40/60% Symmetry= Fixed Frequency "Blank" = 0C "Blank" Operating Temperature to 70C
"S" "M" = -40C to 85CTri-State Temperature = 45/55 Symmetry = Operating "E" "C" = CMOS Output "Blank" = 40/60% Symmetry "Blank" = Fixed Frequency Model Selection: See Table Above "S" = 45/55 Symmetry
2553 N. Edgington Street, Franklin Park, IL
PA R T N U M B E R I N G G U I D E K11XXBACXXX - Specify Frequency NUMBERING GUIDE PART R T N U M B E R I N G G U I D E PA
"Blank" = 0oC to 70oC Operating Temperature
"E" = Tri-State "C" = CMOS Output "Blank" = 40/60% Symmetry 60131 Phone:Model Selection: See Table Above 847.451.1000 Fax: 847.451.7585 "S" = 45/55% Symmetry
1
Fax: 847.451.7585
800-888-1499 or "C" = CMOS Output www.champtech.com
2553 N. Edgington Street, Franklin Park, IL 60131 Table Above Model Selection: See Phone: 847.451.1000 800-888-1499 or www.champtech.com
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
1
Revision: 03-01-07
K1100BA, K1150BA, K1125BA, K1110BA Series
14 pin DIP, 5.0 Volt, Clock Oscillator
K1100BA Series
PIN 1 2 3 4 FUNCTION N/C / Tri-State Ground Output + VCC
THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS. 5V Crystal Clock Oscillators PLEASE REFER TO THE MHO+ PRODUCT SERIES.
SHIPPING TUBE CROSS SECTION
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST METHODS
Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test
REFERENCE PROCEDURES
MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1
DESCRIPTION
-55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He
MIL-STD-202, Mtd 210D, Cond. J 235C; 30 seconds MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents
125C, powered, 1000 hours minimum
2553 N. Edgington Street, Franklin Park, IL 60131 Phone: 847.451.1000 Fax: 847.451.7585 Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. 800-888-1499 or www.champtech.com
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Revision: 03-01-07
2


▲Up To Search▲   

 
Price & Availability of K1150BACSM-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X